Part Number Hot Search : 
1100T LH2108A 3D6701 F1001 ER300 40FD0 2587P908 D5N50
Product Description
Full Text Search
 

To Download MX23L4003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INDEX
MX23L4003
4M-BIT [512Kx8] LOW VOLTAGE OPERATION CMOS MASK ROM
FEATURES
* * * * * 512K x 8 organization Wide power supply range, 2.7 to 3.6 volt operation Fast access time: 200ns Totally static operation Completely TTL compatible * Operating current: 20mA * Standby current: 20uA * Package type: - 32 pin SOP - 32 pin TSOP
GENERAL DESCRIPTION
The MX23L4003 is a low voltage, 4M-bit, Read Only Memory. It is organized as 512K words by 8 bit, operates from 2.8 to 3.6 volt supply, has a static standby mode, and has an access time of 200ns. It is designed to be compatible with all microprocessors and similar applications in which high performance, large bit storage and simple interfacing are important design considerations. The MX23L4003 offers automatic power-down, with power-down controlled by the chip enable (CE) input. When CE goes high, the device automatically powers down and remains in a low-power standby mode as long as CE remains high. MX23L4003 pin 24 may also be programmed either active HIGH or LOW in order to eliminate bus contention in multiple-bus microprocessor systems.
PIN CONFIGURATION
32 SOP
NC A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 Q0 Q1 Q2 VSS 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 10 19 18 17 VCC A18 A17 A14 A13 A8 A9 A11 OE/OE A10 CE/CE Q7 Q6 Q5 Q4 Q3
32 TSOP
A11 A9 A8 A13 A14 A17 A18 VCC NC A16 A15 A12 A7 A6 A5 A4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 OE/OE A10 CE/CE Q7 Q6 Q5 Q4 Q3 GND Q2 Q1 Q0 A0 A1 A2 A3
MX23L4003
MX23L4003
PIN DESCRIPTION
Symbol A0~A18 Q0~Q7 CE/CE OE/OE VCC VSS Pin Function Address Input Data Output Chip Enable Input Output Enable Input Power Supply Pin Ground Pin
BLOCK DIAGRAM
CE/CE OE/OE CONTROL LOGIC OUTPUT BUFFERS Q0~Q7
A0~A18 ADDRESS INPUTS
. . . . . . . .
Y-DECODER
. . . . . . . .
Y-DECODER
X-DECODER
4M BIT ROM ARRAY
VCC VSS
P/N:PM0375
REV. 1.3, FEB. 02, 1999
1
INDEX
MX23L4003
ABSOLUTE MAXIMUM RATINGS
RATING Ambient Operating Temperature Storage Temperature Applied Input Voltage Applied Output Voltage VCC to Ground Potential VALUE -40 to 80C C -65 to 125 C C -0.3V to VCC+0.3V -0.3V to VCC+0.3V -0.3V to 7.0V *Notice: Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended period may affect reliability.
DC CHARACTERISTICS (Ta = -40 ~ 80C, VCC = 2.7V to 3.6V) C
Item Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current Power-Down Supply Current Standby Supply Current Operating Supply Current Symbol VOH VOL VIH VIL ILI ILO ICC3 ICC2 ICC1 MIN. VCC-0.2 0.8VCC -0.3V MAX. 0.2V VCC+0.3V 0.4V 10uA 10uA 20uA 50uA 20mA Conditions IOH = -0.5mA IOL = 0.5mA
VIN=0 to VCC VOUT=0 to VCC CE>VCC-0.2V CE = VIH VCC=3V, f=5MHz
CAPACITANCE (Ta = 25C, f=1.0MHz (Note 2))
Item Input Capacitance Output Capacitance Symbol CIN COUT TYP. MAX. 8 10 UNIT pF pF Conditions VIN=0V VOUT=0V
P/N:PM0375
REV. 1.3, FEB. 02, 1999
2
INDEX
MX23L4003
AC CHARACTERISTICS (Ta = -40C ~ 80 VCC = 2.7V to 3.6V) C,
Item Cycle Time Address Access Time Output Hold Time After Address Change Chip Enable Access Time Output Enable/Chip Select Access Time Output Low Z Delay Output High Z Delay tLZ tHZ 0ns 50ns Note 3 Note 4 tACE tAOE 200ns 80ns Symbol tCYC tAA tOH 23L4003-20 MIN. 200ns 0ns MAX. 200ns CONDITIONS
Note: 1. Measured with device selected at f=5 MHz and output unloaded. 2. This parameter is periodically sampled and is not 100% tested. 3. Output low-impedance delay (tLZ) is measured from CE going low. 4. Output high-impedance delay (tHZ) is measured from CE going high.
AC Test Conditions
Input Pulse Levels Input Rise and Fall Times Input Timing Level Output Timing Level Output Load 0.4V~ 2.4V 10ns 1.5V 0.8V and 2.0V 1TLL+100pF
P/N:PM0375
REV. 1.3, FEB. 02, 1999
3
INDEX
MX23L4003
TIMING DIAGRAM
PROPAGATION DELAY FROM ADDRESS (CE/OE=ACTIVE)
tCYC ADDRESS INPUTS tAA DATA OUT
VALID ADDRESS tOH VALID DATA
PROPAGATION DELAY FROM CHIP ENABLE (ADDRESS VALID)
CE
tACE
OE
tAOE
tLZ tHZ DATA OUT
ORDER INFORMATION
Part No. MX23L4003MI-20 MX23L4003TI-20 Access Time 200ns 200ns Operating Current MAX. 20mA 20mA Standby Current MAX. 20uA 20uA Package 32 pin SOP 32 pin TSOP
P/N:PM0375
REV. 1.3, FEB. 02, 1999
4
INDEX
MX23L4003
PACKAGE INFORMATION
32-PIN PLASTIC SOP (450 mil)
ITEM A B C D E F G H I J K L
MILLIMETERS 20.95 max. 1.00 [REF] 1.27 [TP] .40 [Typ.] .05 min. 3.05 max. 2.69.13 14.12.25 11.30.13 1.42 .20 [Typ.] .79
INCHES .825 max. .039 [REF] .050 [TP] .016 [Typ.] .002 min. .120 max. .106.005 .556.010 .445.005 .056 .008 [Typ.] .031
32
17
1 A
16 H I J
G
F K E
NOTE: Each lead centerline is located within .25 mm[.01 inch] of its true position [TP] at maximum material condition.
D
C
B
L
32-PIN PLASTIC TSOP
ITEM A B C D E F G H I J K L M N
MILLIMETERS 20.0.20 18.40.10 8.20 max. .15 [Typ.] .80 [Typ.] .20.10 .30.10 .50 [Typ.] .45 max. 0 ~ .20 1.00.10 1.27 max. .50 0 ~ 5
INCHES .078.006 .724.004 .323 max. .006 [Typ.] .031 [Typ.] .008.004
C A B
.012.004 .020 [Typ.] .018 max. 0 ~ .008 .039.004 .050 max. .020 .500
D E F G H I J K L N M
NOTE: Each lead centerline is located within .25 mm[.01 inch] of its true position [TP] at maximum material condition.
P/N:PM0375
REV. 1.3, FEB. 02, 1999
5
INDEX
MX23L4003
REVISION HISTORY
REVISION 1.3 DESCRIPTION AC CHARACTERISTICS tOH 25ns-->0ns PAGE P3 DATE FEB/02/1999
P/N:PM0375
REV. 1.3, FEB. 02, 1999
6
INDEX
MX23L4003
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-8888 FAX:+886-3-578-8887
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-747-2309 FAX:+65-748-4090
TAIPEI OFFICE:
TEL:+886-3-509-3300 FAX:+886-3-509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the rignt to change product and specifications without notice.
7


▲Up To Search▲   

 
Price & Availability of MX23L4003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X